PART |
Description |
Maker |
74AC125SCXNL 74ACT125SJ 74AC125MTC 74AC125 74ACT12 |
Quad Buffer with 3-STATE Outputs ACT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Octal D-type transparent latches 20-SOIC 0 to 70 AC SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MAX537BC/D MAX536BC/D MAX536-MAX537 MAX537AEPE |
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface QUAD, SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP16 Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 校准型、四路2位、电压输出DAC,串行接 Calibrated / Quad / 12-Bit Voltage-Output DACs with Serial Interface
|
Maxim Integrated Products, Inc.
|
PM7226 PM7226A PM7226AFP PM7226AFR PM7226AR PM7226 |
V(dd): 11.4 to 16.5V; V(ss); -5V -10%; quad 8-bit CMOS D/A converter with oltage output. For automatic test equipment, peocess and industrial control, scientific and medical instrumentation, multichannel microprocessors QUAD 8 BIT CMOS D/A CONVERTERS WITH VOLTAGE OUTPUT
|
AD[Analog Devices]
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MC74LVX126D |
Quad Bus Buffe With 5V−Tolerant Inputs LV/LV-A/LVX/H SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
ON Semiconductor
|
74VHCT126PW 74VHC126BQ 74VHCT126BQ 74VHC126PW |
Quad buffer/line driver; 3-state Quad buffer-line driver; 3-state AHCT/VHCT/VT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PQCC14 Quad buffer-line driver; 3-state AHC/VHC/H/U/V SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PQCC14 Quad buffer-line driver; 3-state AHCT/VHCT/VT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
NXP Semiconductors N.V.
|
HCF4042 HCF4042B01 HCF4042M013TR HCF4042BEY HCF404 |
4000/14000/40000 SERIES, HIGH LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDSO16 QUAD CLOCKED D LATCH QUAD CLOCKED "D" LATCH QUAD CLOCKED "D" LATCH
|
STMicroelectronics ST Microelectronics
|
MC74LCX125 MC74LCX125D MC74LCX125DT MC74LCX125SD M |
LOW-VOLTAGE CMOS QUAD BUFFER LVC/LCX/Z SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 LOW-VOLTAGE CMOS QUAD BUFFER 低电压CMOS四路缓冲
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] http://
|
NJU7044 |
Input/Output Full-Swing High Output Current Quad C-MOS Operational Amplifier
|
New Japan Radio
|
AD5334 AD5334BRU AD5335BRU AD5336BRU AD5344BRU AD5 |
From old datasheet system 2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 24-lead TSSOP 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 10-Bit DAC with Byte-Load Parallel Interface in 28-lead TSSOP 2.5V to 5.5V, 500A Quad Rail-to-Rail Voltage Output 12-Bit DAC with Parallel Interface in 28-lead TSSOP
|
AD[Analog Devices]
|
CD40109BMS FN3196 CD40109BDMSR |
4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, CDIP16 CMOS Quad Low-to-High Voltage Level Shifter 的CMOS四路低到高电压电平转换器 From old datasheet system Level Shifter, Low to High, Quad, Rad-Hard, CMOS, Logic
|
TOKO, Inc. INTERSIL[Intersil Corporation]
|